Part Number Hot Search : 
78L08 821E3 MC10E SM5623N 00007 H07N60E AD745 UPC271
Product Description
Full Text Search
 

To Download IBS10B02106AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  previous page | return to index | next page multiple station switches ibs multi-switch switches - series ibs ibs10b04106ar click here to download a schematic drawing (you will need to have adobe acroba t installed on your system to do this) series ibs miniature p ushbutton switches are mounted on common frames, u p to 12 stations lon g with cente r -to-center s p acin g pa g e 1 of 6 switchcraft 12/14/2007 htt p ://www.switchcraft.com/ p roducts/switch-322.html
of 0.394 inch (10mm), 0.590 inch (15mm) or 0.787 inch (20mm). available with in terlock, non-lock (momentary) or push- lock/push-release mechanical functions. .130 inch (3.30mm) x .130 in ch (3.30mm) square plungers ac cept a full line of industry standard pushbuttons. switches are stocke d without pushbuttons due to wide vari ety that can be used. order pushbuttons separately. switches have .157 inch (4mm) long pc terminals for mounting si ngle- or double-sided pc boards up to .094 inch (2.39mm) thick. close stacking (centers) permits hi gh density within minimum front panel space. specifications mechanical switch actuation: momentary, interlock and push-lock/push-release. plunger travel: .144 inch (3.66 mm). actuation force: at .135 inch (3.43mm) travel: 12-15 oz. electrical 0.125a resistive @ 125 v ac, .25 amp at 28v dc. materials housing: thermoplastic 94v-0. plunger: thermoplastic ul 94v-0. contactors: copper alloy. terminals: copper alloy, solder plated. tin- dipped available on special order. contact surfaces: plated. frame: copper alloy. latch bar: thermo p lastic. pa g e 2 of 6 switchcraft 12/14/2007 htt p ://www.switchcraft.com/ p roducts/switch-322.html
pushbuttons pushbuttons designed for ibs switches are av ailable in white, black, red, blue and gra y. others colors are available on special order. pushbutton faces are concave for ope rator convenience and can be mounted either horizontally or vertically. pushbuttons must be ordered separately, but may be factory installed, if desired, at nominal extra cost. 1. type i 0.388 (9.86) x 0.216 (5.49) 2. type ii 0.464 (11.79) x 0.288 (7.32) part numbers / 0.394 inch (10mm) centers* part numbers / 0.590 inch (15mm) centers* interlock push-lock/ push-release number of stations** IBS10B02106AR*** ibs10b02706ar*** 2 ibs10b04106ar*** ibs10b04706ar*** 4 ibs10b06106ar*** ibs10b06706ar*** 6 ibs10b08106ar*** ibs10b08706ar*** 8 ibs10b10106ar*** ibs10b10706ar*** 10 ibs10b12106ar*** ibs10b12706ar*** 12 ibs15b02106ar*** ibs15b02706ar*** 2 pa g e 3 of 6 switchcraft 12/14/2007 htt p ://www.switchcraft.com/ p roducts/switch-322.html
part numbers / 0.787 inch (20mm) centers* part numbers ibs15b04106ar*** ibs15b04706ar*** 4 ibs15b06106ar*** ibs15b06706ar*** 6 ibs15b08106ar*** ibs15b08706ar*** 8 ibs15b10106ar*** ibs15b10706ar*** 10 ibs15b12106ar*** ibs15b12706ar*** 12 ibs20b02106ar*** ibs20b02706ar*** 2 ibs20b04106ar*** ibs20b04706ar*** 4 ibs20b06106ar*** ibs20b06706ar*** 6 ibs20b08106ar*** ibs20b08706ar*** 8 ibs20b10106ar*** ibs20b10706ar*** 10 ibs20b12106ar*** ibs20b12706ar*** 12 type i type ii color p2936 p2951 white p2937 p2952 black p2938 p2953 red p2939*** p2954*** yellow p2940*** p2955*** green p2941 p2956 blue p2942 p2957 gray p2943*** p2958*** brown ---- p2979*** cream ---- p2992*** tangerine pa g e 4 of 6 switchcraft 12/14/2007 htt p ://www.switchcraft.com/ p roducts/switch-322.html
* switches with all-lock function are ava ilable on special order. contact switchcraft. ** odd number of stations (3, 5, 7, 9, 11) are available. switches with 13 through 18 stations also available. contact switchcr aft. *** special order only; contact switchcraft for price a nd delivery information. ibs part numbering code * 8 stations maximum on 0.787 inch (20mm) centers. previous page | return to index | next page to search a category please cl ick on the corresponding icon: | connectors | jacks and plugs | | patch panels, patch kits & jackfields | cable assemblies and patch cords | switches | ibs xx x xx x xx* x r centers frame style stations mechanical function circuits terminal length .394 inch (10mm) a - mounting ears 01-12 1 - interlock 01-1a a - .157 inch (4mm) .590 inch (15mm) b - no mounting ears 2 - non-lock 02-1b .787 inch (20mm) 7 - push-lock/ push release 03-1c 04-2a 05-2b 06-2c pa g e 5 of 6 switchcraft 12/14/2007 htt p ://www.switchcraft.com/ p roducts/switch-322.html
all products shown are covered by sw itchcraft's limited lifetime warranty. | switchcraft home | about us | products | what's new | search | contact us pa g e 6 of 6 switchcraft 12/14/2007 htt p ://www.switchcraft.com/ p roducts/switch-322.html


▲Up To Search▲   

 
Price & Availability of IBS10B02106AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X